Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC377 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC377 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC377 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC377 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC377
Octal D-type flip-flop with data enable; positive-edge trigger
4. Functional diagram
mna918
D0
D1
D2
D3
D4
D5
D6
D7
E
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
Fig. 1. Logic symbol
mna919
19
16
15
12
9
6
5
11
1C2
1
G1
2D
2
18
17
14
13
8
7
4
3
Fig. 2. IEC logic symbol
5. Pinning information
5.1. Pinning
74LVC377
E
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
CP
mna917
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig. 3. Pin configuration SOT163-1 (SO20) and SOT360-1 (TSSOP20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
E
1
data enable input (active LOW)
CP
11
clock input (LOW to HIGH; edge-triggered)
D0, D1, D2, D3, D4, D5, D6, D7
3, 4, 7, 8, 13, 14, 17, 18
data input
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
2, 5, 6, 9, 12, 15, 16, 19
flip-flop output
GND
10
ground (0 V)
VCC
20
power supply
74LVC377
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 27 August 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com