Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC377D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC377D
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC377D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC377D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC377D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74LVC377
Octal D-type flip-flop with data enable; positive-edge trigger
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 6.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
CP to Qn; see Fig. 4
[2]
VCC= 1.2 V
-
15
-
-
-
ns
VCC= 1.65 V to 1.95 V
2.5
7.4
14.5
2.5
15.5
ns
VCC= 2.3 V to 2.7 V
1.8
4.4
8.5
1.8
9.1
ns
VCC = 2.7 V
1.5
4.3
7.9
1.5
10.0
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
4.0
7.6
1.5
9.5
ns
clock HIGH or LOW; see Fig. 4
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
1.6
-
5.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
4.0
1.0
-
4.0
-
ns
E to CP; see Fig. 5
VCC = 1.65 V to 1.95 V
5.5
-
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.5
-
-
4.5
-
ns
VCC = 2.7 V
4.0
0.6
-
4.0
-
ns
VCC = 3.0 V to 3.6 V
3.0
0.2
-
3.0
-
ns
Dn to CP; see Fig. 5
VCC = 1.65 V to 1.95 V
5.5
-
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.5
-
-
4.5
-
ns
VCC = 2.7 V
3.0
1.0
-
3.0
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
2.0
0.7
-
2.0
-
ns
E to CP; see Fig. 5
VCC = 1.65 V to 1.95 V
1.5
-
-
1.5
-
ns
VCC = 2.3 V to 2.7 V
0.5
-
-
0.5
-
ns
VCC = 2.7 V
0.0
-1.0
-
0.0
-
ns
VCC = 3.0 V to 3.6 V
1.0
0
-
1.0
-
ns
Dn to CP; see Fig. 5
VCC = 1.65 V to 1.95 V
1.5
-
-
1.5
-
ns
VCC = 2.3 V to 2.7 V
0.5
-
-
0.5
-
ns
VCC = 2.7 V
0.0
-1.1
-
0.0
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.0
-1.0
-
0.0
-
ns
see Fig. 4
VCC = 1.65 V to 1.95 V
80
-
-
64
-
MHz
VCC = 2.3 V to 2.7 V
100
-
-
80
-
MHz
VCC = 2.7 V
150
-
-
120
-
MHz
fmax
maximum
frequency
VCC = 3.0 V to 3.6 V
150
330
-
120
-
MHz
tsk(o)
output skew time VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
74LVC377
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 27 August 2021
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com