Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC541AD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC541AD
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC541AD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC541AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC541AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74LVC541A
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC = 3.6 V
-
0.1
10
-
40
μA
ΔICC
additional supply
current
per input pin; VI = VCC - 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
-
5
500
-
5000
μA
CI
input
capacitance
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 7.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
An to Yn; see Fig. 5
[2]
VCC = 1.2 V
-
14.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.5
13.8
1.5
16.0
ns
VCC = 2.3 V to 2.7 V
1.0
3.5
6.8
1.0
7.9
ns
VCC = 2.7 V
1.5
3.5
5.6
1.5
7.0
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.9
5.1
1.0
6.5
ns
OEn to Yn; see Fig. 6
[2]
VCC = 1.2 V
-
20.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.8
7.7
16.0
1.8
18.5
ns
VCC = 2.3 V to 2.7 V
1.5
4.3
8.8
1.5
10.2
ns
VCC = 2.7 V
1.5
4.4
7.5
1.5
9.5
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
3.5
7.0
1.0
9.0
ns
OEn to Yn; see Fig. 6
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
3.0
4.9
10.3
3.0
11.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.7
5.9
1.0
6.8
ns
VCC = 2.7 V
1.5
3.7
7.0
1.5
9.0
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.0
3.3
6.0
1.0
7.5
ns
per input; VI = GND to VCC
[3]
VCC = 1.65 V to 1.95 V
-
7.7
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
11.3
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
14.4
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC 2 × fo) = sum of the outputs.
74LVC541A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 August 2021
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com