Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573ABQ Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC573ABQ
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC573ABQ Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC573ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC573ABQ Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Nexperia
74LVC573A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Ordering information....................................................2
4. Functional diagram.......................................................2
5. Pinning information......................................................3
5.1. Pinning.........................................................................3
5.2. Pin description.............................................................4
6. Functional description................................................. 4
7. Limiting values............................................................. 5
8. Recommended operating conditions..........................5
9. Static characteristics....................................................6
10. Dynamic characteristics............................................ 7
10.1. Waveforms and test circuit........................................ 8
11. Package outline........................................................ 11
12. Abbreviations............................................................14
13. Revision history........................................................14
14. Legal information......................................................15
© Nexperia B.V. 2021. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 27 August 2021
74LVC573A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 27 August 2021
16 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com