Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR550 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR550
Description  SWITCHMODE Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR550 Datasheet(HTML) 2 Page - ON Semiconductor

  MUR550 Datasheet HTML 1Page - ON Semiconductor MUR550 Datasheet HTML 2Page - ON Semiconductor MUR550 Datasheet HTML 3Page - ON Semiconductor MUR550 Datasheet HTML 4Page - ON Semiconductor MUR550 Datasheet HTML 5Page - ON Semiconductor MUR550 Datasheet HTML 6Page - ON Semiconductor MUR550 Datasheet HTML 7Page - ON Semiconductor MUR550 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MUR550APF, MURD550PF, MUR550PF
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
520
V
Average Rectified Forward Current
(Rated VR) TC = 65°C
MUR550APF
(Rated VR) TC = 160°C
MURD550PF, MUR550PF
IF(AV)
5.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, 60 Hz)
MUR550APF
MURD550PF
MUR550PF
IFSM
85
75
100
A
Operating Junction Temperature Range
TJ
−65 to +175
°C
Storage Temperature Range
Tstg
−65 to +175
°C
ESD Ratings:
Machine Model = C
Human Body Model = 3B
ESD
> 400
>8000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case (Note 1)
MURD550PF, MUR550PF
RqJC
2.8
°C/W
Thermal Resistance, Junction−to−Ambient
MUR550APF
MURD550PF (Note 3)
RqJA
Note 2
62
°C/W
1. Rating applies when surface mounted on the minimum pad sizes recommended.
2. See Note 2, Ambient Mounting Data.
3. 1 inch square pad size on FR4 board.
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage Drop (Note 4)
(IF = 5.0 A, TJ = 25°C)
(IF = 5.0 A, TJ = 150°C)
VF
1.15
0.98
V
Maximum Instantaneous Reverse Current (Note 4)
(VR = 520 V, TJ = 25°C)
(VR = 520 V, TJ = 150°C)
IR
5.0
400
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms, VR = 30 V, TJ = 25°C)
trr
95
ns
4. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com