Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP25F Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SP25F
Description  High Voltage Rectifier Stacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SP25F Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SP25F Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
tl
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
if
it
c
e
R
t
n
e
r
r
u
C
)l
i
o
n
i(
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
rI
(
e
g
a
tl
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
fI
(
e
v
it
it
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
fI
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
e
s
a
C
h
t
g
n
e
L
)
L
(
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
tl
o
Vs
p
m
As
p
m
AA
µA
µs
tl
o
Vs
p
m
As
p
m
As
p
m
As
n.
n
i
F
U
5
2
P
S
F
U
0
5
P
S
0
0
5
2
0
0
0
5
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
0
.
1
1
5
.
1
0
.
1
0
6
0
4
0
1
8
0
7
0
7
5
2
1
.
1
0
0
0
.
2
F
U
5
7
P
S
F
U
0
0
1
P
S
0
0
5
7
0
0
0
0
1
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
1
0
.
6
1
0
.
1
0
.
1
0
4
0
4
8
8
0
7
0
7
0
5
7
.
2
0
0
5
.
3
F
U
5
2
1
P
S
F
U
0
5
1
P
S
0
0
5
2
1
0
0
0
5
1
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
4
2
0
.
4
2
0
.
1
0
.
1
0
4
0
4
8
8
0
7
0
7
0
5
2
.
4
0
5
2
.
4
F
U
0
0
2
P
S
F
U
0
5
2
P
S
0
0
0
0
2
0
0
0
5
2
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
2
3
0
.
0
4
0
.
1
0
.
1
0
4
0
4
8
8
0
7
0
7
0
5
2
.
4
0
5
2
.
4
F
5
2
P
S
F
0
5
P
S
0
0
5
2
0
0
0
5
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
0
.
8
5
.
1
0
.
1
0
6
0
4
0
1
8
0
5
1
0
5
1
5
2
1
.
1
0
0
0
.
2
F
5
7
P
S
F
0
0
1
P
S
0
0
5
7
0
0
0
0
1
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
1
0
.
6
1
0
.
1
0
.
1
0
4
0
4
8
8
0
5
1
0
5
1
0
5
7
.
2
0
0
5
.
3
F
5
2
1
P
S
F
0
5
1
P
S
0
0
5
2
1
0
0
0
5
1
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
4
2
0
.
4
2
0
.
1
0
.
1
0
4
0
4
8
8
0
5
1
0
5
1
0
5
2
.
4
0
5
2
.
4
F
0
0
2
P
S
F
0
5
2
P
S
0
0
0
0
2
0
0
0
5
2
5
.
0
5
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
5
2
5
2
0
.
2
3
0
.
0
4
0
.
1
0
.
1
0
4
0
4
8
8
0
5
1
0
5
1
0
5
2
.
4
0
5
2
.
4
F
5
2
P
F
F
0
5
P
F
0
0
5
2
0
0
0
5
2
.
2
2
.
2
0
3
.
1
0
3
.
1
0
.
2
0
.
2
0
5
0
5
0
.
6
0
.
3
1
0
.
3
0
.
3
0
2
1
0
2
1
0
2
0
2
0
5
1
0
5
1
0
0
5
.
1
0
0
5
.
2
F
5
7
P
F
F
0
0
1
P
F
0
0
5
7
0
0
0
0
1
2
.
2
2
.
2
0
3
.
1
0
3
.
1
0
.
2
0
.
2
0
5
0
5
0
.
8
1
0
.
4
2
0
.
3
0
.
3
0
2
1
0
2
1
0
2
0
2
0
5
1
0
5
1
0
0
5
.
3
0
0
5
.
4
F
5
2
1
P
F
F
0
5
1
P
F
0
0
5
2
1
0
0
0
5
1
2
.
2
2
.
2
0
3
.
1
0
3
.
1
0
.
2
0
.
2
0
5
0
5
0
.
0
3
0
.
6
3
0
.
3
0
.
3
0
2
1
0
2
1
0
2
0
2
0
5
1
0
5
1
0
0
5
.
5
0
0
5
.
6
F
5
7
1
P
F
F
0
0
2
P
F
0
0
5
7
1
0
0
0
0
2
2
.
2
2
.
2
0
3
.
1
0
3
.
1
0
.
2
0
.
2
0
5
0
5
0
.
2
4
0
.
8
4
0
.
3
0
.
3
0
2
1
0
2
1
0
2
0
2
0
5
1
0
5
1
0
0
5
.
6
0
0
5
.
6
F
U
0
5
2
P
F0
0
0
5
22
.
20
3
.
10
.
20
0
10
.
5
70
.
20
0
20
0
10
0
10
0
9
.
7
High Voltage Rectifier Stacks
0.5A - 2.2A • 70ns - 150ns • Axial Leaded
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
(1)Trr Testing: If=0.5mA, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
t
r
a
PA
B
)
X
X
X
X
X
(
P
S
0
2
0
.
±
0
0
5
.
)
1
5
.
±
0
7
.
2
1
(
0
2
0
.
±
0
5
2
.
)
1
5
.
±
5
3
.
6
(
)
X
X
X
X
X
(
P
F
0
2
0
.
±
0
9
6
.
)
1
5
.
±
3
5
.
7
1
(
0
2
0
.
±
0
8
3
.
)
1
5
.
±
5
6
.
9
(
F
U
0
5
2
P
F
0
2
0
.
±
0
0
7
.
)
1
5
.
±
8
7
.
7
1
(
0
2
0
.
±
0
0
4
.
)
1
5
.
±
6
1
.
0
1
(


Similar Part No. - SP25F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP25F ETC1-SP25F Datasheet
75Kb / 2P
2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
logo
New Jersey Semi-Conduct...
SP25F NJSEMI-SP25F Datasheet
100Kb / 1P
High Voltage Rectifier Stacks
More results

Similar Description - SP25F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP100S ETC-SP100S Datasheet
71Kb / 2P
5,000 V - 12,500 V Rectifier Stacks
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
136Kb / 2P
High Voltage Stacks
logo
New Jersey Semi-Conduct...
SP25UF NJSEMI-SP25UF Datasheet
100Kb / 1P
High Voltage Rectifier Stacks
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ_17 Datasheet
90Kb / 4P
High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
23-May-17
logo
Microsemi Corporation
1N5597TX MICROSEMI-1N5597TX Datasheet
163Kb / 3P
High Voltage Stacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com