Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP150S Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SP150S
Description  15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SP150S Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SP150S Datasheet HTML 1Page - Voltage Multipliers Inc. SP150S Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
189
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
8
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
15,000 V - 30,000 V Rectifier Stacks
0.5 A Forward Current
3000 ns Recovery Time
SP150S SP200S
SP250S SP300S
2.00(50.80)
MIN.
L ±.020
.500 ±.020
(12.70 ±.50)
0.51 ±.003
(1.30 ±.08)
.250 ±.020
(6.35 ±.50)
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
li
o
n
i
(
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
h
t
g
n
e
L
e
s
a
C
)
L
(
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
n.
n
i
S
0
5
1
P
S
S
0
0
2
P
S
S
0
5
2
P
S
S
0
0
3
P
S
0
0
0
5
1
0
0
0
0
2
0
0
0
5
2
0
0
0
0
3
5
.
0
5
.
0
5
.
0
5
.
0
3
3
.
0
3
3
.
0
3
3
.
0
3
3
.
0
0
.
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
2
5
.
5
2
0
.
4
3
5
.
2
4
0
.
1
5
0
.
2
0
.
2
0
.
2
0
.
2
0
4
0
4
0
4
0
4
8
8
8
8
0
0
0
3
0
0
0
3
0
0
0
3
0
0
0
3
0
5
7
.
2
0
0
5
.
3
0
5
2
.
4
0
0
0
.
5


Similar Part No. - SP150S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP150 ASTRODYNE-SP150 Datasheet
344Kb / 4P
150W Single Output with PFC Function
SP150-12 ASTRODYNE-SP150-12 Datasheet
344Kb / 4P
150W Single Output with PFC Function
SP150-12DRL ASTRODYNE-SP150-12DRL Datasheet
426Kb / 5P
150W Single Output with PFC Function
SP150-13.5 ASTRODYNE-SP150-13.5 Datasheet
344Kb / 4P
150W Single Output with PFC Function
SP150-13.5DRL ASTRODYNE-SP150-13.5DRL Datasheet
426Kb / 5P
150W Single Output with PFC Function
More results

Similar Description - SP150S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP25F ETC1-SP25F Datasheet
75Kb / 2P
2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
FP125F ETC1-FP125F Datasheet
48Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
logo
Voltage Multipliers Inc...
FP25S VMI-FP25S Datasheet
82Kb / 2P
2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SP125F VMI-SP125F Datasheet
74Kb / 2P
12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
Z150FG VMI-Z150FG Datasheet
96Kb / 2P
15,000 V Rectifiers 0.30 A Forward Current 200 ns Recovery Time
Z150FG VMI-Z150FG Datasheet
96Kb / 2P
15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
Z150SG VMI-Z150SG Datasheet
96Kb / 2P
15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
FP125S VMI-FP125S Datasheet
74Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com