Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC0MA1 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0MA1
Description  Bulkhead Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0MA1 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0MA1 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0MA1 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulkhead Connectors
BCC M458-E818-AX0-RM148-030
Order Code: BCC0MA1
Internet
www.balluff.com
eCl@ss 9.1: 27-44-03-12
Subject to change without notice: 285402
ETIM 6.0: EC002641
BCC0MA1_0.26_2022-07-04
1 / 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Cable
PUR Shielded Green, 3 m
Cable diameter D
6.20 mm ±0.20 mm
Conductor cross-section
26 AWG
Connection 1
M12x1-Female, Straight, 8-pin, X-
coded
Connection 2
RJ45-Male, Straight, 8-pin
Connector 01, version
straight
Connector 02, version
straight
Number of conductors
8
Number of pins
8/8
System
Molded/Molded
Electrical data
Conductor construction
4x2 twisted-pair
Conductor resistance
≤ 145 Ohm/km at 20 °C
Coupling resistance max.
1Ω /m at 100 MHz
Isolation resistance
≥ 150 MOhm x km at 20 °C
Operating capacitance
nom. 46nF/km at 1kHz
Operating voltage Ub
60 VDC / 50 VAC
Rated current (40 °C)
0.5 A
Surge impedance
100 Ohm ±22 Ohm at 100 MHz
Environmental conditions
Cable temperature, fixed routing
-40...85 °C
Cable temperature, flexible routing
-10...60 °C
IP rating
IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Aluminum foil and copper braid
Material contact carrier
PA/PVC
Material contacts
Bronze/Brass
Material grip
PUR/PVC
Mechanical data
Cable jacket, color
Green
Cable length L
3.00 m


Similar Part No. - BCC0MA1

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0MA0 BALLUFF-BCC0MA0 Datasheet
111Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0MA4 BALLUFF-BCC0MA4 Datasheet
109Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0MA5 BALLUFF-BCC0MA5 Datasheet
116Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0MA6 BALLUFF-BCC0MA6 Datasheet
116Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0MA7 BALLUFF-BCC0MA7 Datasheet
109Kb / 2P
Double-Ended Cordsets
2022-08-01
More results

Similar Description - BCC0MA1

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0A7M BALLUFF-BCC0A7M Datasheet
124Kb / 2P
Bulkhead Connectors
0.57_2022-07-16
BCC0A7N BALLUFF-BCC0A7N Datasheet
125Kb / 2P
Bulkhead Connectors
0.63_2022-07-15
BCC0HH5 BALLUFF-BCC0HH5 Datasheet
114Kb / 2P
Bulkhead Connectors
0.97_2022-07-15
BCC0K3P BALLUFF-BCC0K3P Datasheet
110Kb / 2P
Bulkhead Connectors
0.46_2022-07-04
BCC0LJE BALLUFF-BCC0LJE Datasheet
115Kb / 2P
Bulkhead Connectors
0.34_2022-07-04
BCC0LJM BALLUFF-BCC0LJM Datasheet
115Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJN BALLUFF-BCC0LJN Datasheet
114Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJP BALLUFF-BCC0LJP Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-15
BCC0LJR BALLUFF-BCC0LJR Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC06YP BALLUFF-BCC06YP Datasheet
108Kb / 2P
Bulkhead Connectors
2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com