Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURA260T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURA260T3G
Description  Surface Mount Ultrafast Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA260T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MURA260T3G Datasheet HTML 1Page - ON Semiconductor MURA260T3G Datasheet HTML 2Page - ON Semiconductor MURA260T3G Datasheet HTML 3Page - ON Semiconductor MURA260T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURA260T3
http://onsemi.com
3
dc
15
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
5
0
100
0
1
120
180
15
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
10
30
80
60
40
20
100
0
0
1
0.1
140
120
Figure 9. Power Dissipation
1.5
0
2
1.5
1
0.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
3
0
28
20
12
436
10
32
24
16
840
028
20
12
436
20
5
2
3
160
180
NOTE: TYPICAL
CAPACITANCE AT
0 V = 24 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 27 pF
SQUARE WAVE
dc
SQUARE WAVE
SQUARE
WAVE
140
160
4
20
25
25
1
2
2.5
60
5
dc
3.5
0.5
80
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
3
3.5
4
4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com