Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0902A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0902A
Description  SMD 2.5x2.0 52.4288MHz Crystal Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0902A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0902A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0902A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
Packing Quantity/Packing:
3K pcs maximum per reel
Reflow Profile:
Note: 1.Max peak temperature: 260+/-5 deg C; Time: 10+/-2 sec
2. Temperature: 217+/-5 deg C; Time: 90~100 sec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com