Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB100UFA Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SPB100UFA
Description  5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPB100UFA Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SPB100UFA Datasheet HTML 1Page - Voltage Multipliers Inc. SPB100UFA Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
5,000 V - 20,000 V Single Phase Bridge
2.0 A Forward Current
70 ns Recovery Time
SPB50UFA
SPB100UFA
SPB150UFA
SPB200UFA
AC
AC
+
_
.150
(3.81)
L
.600
(15.24)
.250
(6.35)
L
.040(1.02) DIA.
(4 PL)
.150(3.81)
.150(3.81)
.150
(3.81)
_
AC
+
AC
8-32 X
.250(6.35)
DP
L
C
L
C
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
e
s
a
C
h
t
g
n
e
L
)
L
(
C
°
0
7C
°
5
5C
°
5
2C
°
5
2C
°
0
0
1C
°
5
2
C
°
5
2C
°
5
2C
°
5
2C
°
5
2
li
Ok
n
i
s
t
a
e
Hn
i
s
t
a
e
H
o
Nk
s
t
l
o
Vs
p
m
As
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
n.
n
i
A
F
U
0
5
B
P
S
A
F
U
0
0
1
B
P
S
A
F
U
0
5
1
B
P
S
A
F
U
0
0
2
B
P
S
0
0
0
5
0
0
0
0
1
0
0
0
5
1
0
0
0
0
2
0
.
2
0
.
2
0
.
2
0
.
2
5
.
1
5
.
1
5
.
1
5
.
1
0
7
.
0
0
7
.
0
0
7
.
0
0
7
.
0
0
.
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
2
0
.
2
1
0
.
8
1
0
.
0
3
0
.
6
3
5
.
1
5
.
1
5
.
1
5
.
1
0
5
0
5
0
5
0
5
0
1
0
1
0
1
0
1
0
7
0
7
0
7
0
7
0
5
.
1
5
7
.
1
5
2
.
2
0
5
.
2


Similar Part No. - SPB100UFA

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPB100UFA VMI-SPB100UFA Datasheet
142Kb / 2P
Single Phase Bridge - High Voltage SPB Series 2.0A ??70ns
More results

Similar Description - SPB100UFA

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1202A VMI-1202A Datasheet
80Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202B VMI-1202B Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1402 VMI-1402 Datasheet
151Kb / 2P
200 V - 1,000 V Single Phase Bridge 12.0 A Forward Current 70 ns - 3000 ns Recovery Time
1N6529U VMI-1N6529U Datasheet
100Kb / 2P
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
SMF6529 VMI-SMF6529 Datasheet
68Kb / 1P
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
SPB50UFB VMI-SPB50UFB Datasheet
51Kb / 2P
5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
1202D VMI-1202D Datasheet
69Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
SXF6521 VMI-SXF6521 Datasheet
108Kb / 1P
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com