Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0909C Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0909C
Description  Crystal Unit SMD 2.5x2.0 38.4MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0909C Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0909C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909C Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
Marking:
Line 1: Frequency (38.4)
Line 2: TST Logo + Date Code + Product Code ( □ is TST internal tracking code, could be
a~z and A~Z)
The inner vision of PIN#1,PIN#4 side is XTAL blank mounting pad.
Date Code Table
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
A
B
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
a
b
c
d
e
f
g
h
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
o
p
q
r
s
t
u
v
w
x
y
z
Product Code Table:
Reel Dimensions (mm):
PIN#1
PIN#2
PIN#3
PIN#4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com