Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB100UFB Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPB100UFB
Description  5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPB100UFB Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPB100UFB Datasheet HTML 1Page - Voltage Multipliers Inc. SPB100UFB Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
182
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
Ambient Temperature (C)
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
30
35
40
45
50
02
4
6
8
10
Forward Current (A)
Ambient Temperature (°C)
Temperature (°C)
SPB50UFB SPB100UFB SPB150UFB SPB200UFB
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
SPB200UFB
SPB150UFB
SPB100UFB
SPB50UFB
Ambient Temperature (°C)
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
IN OIL
HEATSINK
NO HEATSINK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com