Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8102NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 8102NH
Description  RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8102NH Datasheet(HTML) 2 Page - Belden Inc.

  8102NH Datasheet HTML 1Page - Belden Inc. 8102NH Datasheet HTML 2Page - Belden Inc. 8102NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitance
Max. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield Nom. Capacitance Conductor to Shield
45.9 pF/m
41 pF/m
72.2 pF/m
72.2 pF/m
Inductance
Nominal Pair Inductance
0.75 µH/m
Impedance
Nominal Characteristic Impedance
100 Ohm
Current
Element
Max. Recommended Current [A]
Conductor(s) 1.8 Amps per Conductor
Voltage
UL Voltage Rating Voltage Rating [V]
AWM 2919: 30 V
300 V type CM V
Table Notes:
Type CM
Temperature Range
Installation Temperature Range:
-15°C To +80°C
Storage Temperature Range:
-45°C To +80°C
Operating Temperature Range:
-15°C To +80°C
Operating Temp Range (Flexible Install):
-15°C To +80°C
Operating Temp Range (Fixed Install):
-45°C To +80°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-404
Max. Pull Tension:
120 N
Min Bend Radius (W/o Pulling Strength):
34.5 mm
Min. Bend Radius During Installation:
69 mm
Min Setting Radius:
69 mm
Standards
UL AWM Style Compliance:
AWM 2919 (30 V RMS)
CPR Euroclass:
Dca-s1,d1,a1
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Dca
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2, IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max.
Conductivity:
2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min.
pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance: 60%
UL voltage rating:
30 V RMS (UL AWM Style 2919)
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
EAN
8102NH.00305 Gray
Reel
305 m
8719605017710
History
Update and Revision:
Revision Number: 0.230 Revision Date: 12-19-2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com