Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82444 Datasheet(PDF) 1 Page - Belden Inc.

Part # 82444
Description  Electronic, 4 C #22 Str TC, FEP Ins, PVC Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

82444 Datasheet(HTML) 1 Page - Belden Inc.

  82444 Datasheet HTML 1Page - Belden Inc. 82444 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 82444
Electronic, 4 C #22 Str TC, FEP Ins, PVC Jkt, CMP
Product Description
Electronic Cable, 4 Conductor 22AWG (7x30) Tinned Copper, FEP Insulation, PVC Outer Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
indoor plenum applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 4
22
7x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
FEP - Fluorinated Ethylene Propylene 0.0065 in (0.17 mm) 0.042 in (1.1 mm)
Black, White, Red, Green
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.134 in (3.40 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
15 Ohm/1000ft
18 pF/ft (59 pF/m)
3.3 Amps per Conductor at 25ºC (10°C Temperature Rise)
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
0°C To +60°C
Bend Radius
Stationary Min.
Installation Min.
1.34 in (34.0 mm) 1.34 in (34.0 mm)
Max. Pull Tension:
36 lbs (16 kg)
Bulk Cable Weight:
15 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Outdoor


Similar Part No. - 82444

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
82444 SCHNEIDER-82444 Datasheet
108Kb / 2P
200A DT 600V 4P NOT-FUSIBLE T-1 ENCL SW
Jun 24, 2021
82444DS SCHNEIDER-82444DS Datasheet
80Kb / 2P
Safety switch, double throw, non fusible, 200A, 600V, 4 poles, NEMA 4, 4X, 5, 304 steel
Jun 24, 2021
82444R SCHNEIDER-82444R Datasheet
146Kb / 2P
Safety switch, double throw, non fusible, 200A, 600V, 4 poles, NEMA 3R
Jun 24, 2021
More results

Similar Description - 82444

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82761 BELDEN-82761 Datasheet
261Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, OS, PVC Jkt, CMP
82743 BELDEN-82743 Datasheet
169Kb / 3P
Electronic, 6 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82757 BELDEN-82757 Datasheet
169Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
88757 BELDEN-88757 Datasheet
168Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
88442 BELDEN-88442 Datasheet
197Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, FEP Jkt, CMP
03-04-2023
88489 BELDEN-88489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
82442 BELDEN-82442 Datasheet
161Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
83554 BELDEN-83554 Datasheet
162Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
82489 BELDEN-82489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
88444 BELDEN-88444 Datasheet
166Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com