Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB3N502 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N502
Description  14 MHz to 190 MHz PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N502 Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N502 Datasheet HTML 1Page - ON Semiconductor NB3N502 Datasheet HTML 2Page - ON Semiconductor NB3N502 Datasheet HTML 3Page - ON Semiconductor NB3N502 Datasheet HTML 4Page - ON Semiconductor NB3N502 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NB3N502
http://onsemi.com
2
Figure 2. Pin Configuration (Top View)
CLKOUT
S0
S1
X2
X1/CLK
VDD
GND
REF
1
2
3
45
6
7
8
Table 1. CLOCK MULTIPLIER SELECT TABLE
S1*
S0**
Multiplier
L
L
2X
L
H
5X
M
L
3X
M
H
3.33X
H
L
4X
H
H
2.5X
L = GND
H = VDD
M = OPEN (unconnected)
* Pin S1 defaults to M when left open
** Pin S0 defaults to H when left open
Table 2. OUTPUT FREQUENCY EXAMPLES
Output Frequency (MHz)
20
25
33.3
48
50
54
64
66.66
75
100
108
120
135
Input Frequency (MHz)
10
10
10
16
20
13.5
16
20
15
20
27
24
27
S1, S0
0 ,0
1, 1
M, 1
M, 0
1, 1
1, 0
1, 0
M, 1
0, 1
0, 1
1, 0
0, 1
0, 1
Table 3. PIN DESCRIPTION
Pin #
Name
I/O
Description
1
X1/CLK
Input
Crystal or External Reference Clock Input
2
VDD
Power Supply
Positive Supply Voltage (3 V to 5.5 V)
3
GND
Power Supply
0 V Ground.
4
REF
CMOS/TTL Output
Buffered Crystal Oscillator Clock Output
5
CLKOUT
CMOS/TTL Output
Clock Output
6
S0
CMOS/TTL Input
Multiplier Select Pin − Connect to VDD or GND. Internal Pull−up Resistor.
7
S1
Three−level Input
Multiplier Select Pin − Connect to VDD, GND or Float to M.
8
X2
Crystal Input
Crystal Input − Do Not Connect when Providing an External Clock Reference
Table 4. ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
> 8 kV
> 600 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
6700 Devices
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com