Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82489 Datasheet(PDF) 1 Page - Belden Inc.

Part # 82489
Description  Electronic, 4 C #18 Str TC, FEP Ins, PVC Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

82489 Datasheet(HTML) 1 Page - Belden Inc.

  82489 Datasheet HTML 1Page - Belden Inc. 82489 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 82489
Electronic, 4 C #18 Str TC, FEP Ins, PVC Jkt, CMP
Product Description
Electronic Cable, 4 Conductor 18AWG (19x30) Tinned Copper, FEP Insulation, PVC Outer Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
indoor plenum applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 4
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.007 in (0.18 mm) 0.057 in (1.4 mm)
Black, Red, White, Green
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.177 in (4.50 mm)
Overall Cable Diameter (Nominal): 0.177 in (4.50 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 6.92 Ohm/1000ft
21 pF/ft (69 pF/m)
5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMP), 150 V (CL3P)
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C
Bend Radius
Stationary Min.
Installation Min.
1.77 in (45.0 mm) 1.77 in (45.0 mm)
Max. Pull Tension:
98.8 lbs (44.8 kg)
Bulk Cable Weight:
29 lbs/1000ft
Standards and Compliance


Similar Part No. - 82489

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
8248-8263 ABBATRON-8248-8263 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
FIBOX Enclosing innovat...
8248060 FIBOX-8248060 Datasheet
36Kb / 1P
Mounting Frame with DIN-rails, for enclosures
26.07.2023
More results

Similar Description - 82489

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82760 BELDEN-82760 Datasheet
251Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, PVC Jkt, CMP
82740 BELDEN-82740 Datasheet
181Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
88489 BELDEN-88489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
88770 BELDEN-88770 Datasheet
205Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
82444 BELDEN-82444 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
82418 BELDEN-82418 Datasheet
168Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OS, PVC Jkt, CMP
01-20-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
88444 BELDEN-88444 Datasheet
166Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89418 BELDEN-89418 Datasheet
190Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com