Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83307E Datasheet(PDF) 1 Page - Belden Inc.

Part # 83307E
Description  Electronic, 1 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83307E Datasheet(HTML) 1 Page - Belden Inc.

  83307E Datasheet HTML 1Page - Belden Inc. 83307E Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83307E
Electronic, 1 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4
(Type E)
Product Description
High Temperature Electronic, 1 Conductor 18AWG (19x30) Silver Plated Copper, TFE Insulation, Overall Silver Plated Copper Braid(85%) Shield, TFE Outer
Jacket, MIL-W-16878/4 (Type E)
Technical Specifications
Product Overview
Suitable Applications:
MIL-W-16878/4 (Type E) Spec; Extreme High/Low Temperature Environments; up to 600V analog signals & voltage control
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
18 AWG 19x30
SC - Silvered Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Conductor(s) PTFE - Polytetrafluoroethylene 0.0105 in (0.267 mm) White
Outer Shield
Shield Type
Material
Coverage
Braid
Silvered Copper (SC) 85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PTFE - Polytetrafluoroethylene 0.010 in (0.25 mm) 0.109 in (2.77 mm)
Overall Cable Diameter (Nominal): 0.109 in (2.77 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Shield
Max. Current
Conductor(s) 5.7 Ohm/1000ft (19 Ohm/km) 71.5 pF/ft (235 pF/m)
8.1 Amps per conductor @ 25°C
Voltage
Voltage Rating
600 V
Mechanical Characteristics
Temperature
Operating
-65°C to +200°C
Max. Pull Tension:
44.5 lbs (20.2 kg)
Bulk Cable Weight:
15 lbs/1000ft (22 kg/km)
Standards and Compliance


Similar Part No. - 83307E

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8330 FILTRAN-8330 Datasheet
140Kb / 1P
RJ-45 Connector with 100 Base-TX Magnetics
logo
List of Unclassifed Man...
8330 ETC2-8330 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
API Technologies Corp
8330 APITECH-8330 Datasheet
665Kb / 1P
Connector with 100 Base-TX Magnetics
More results

Similar Description - 83307E

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83308E BELDEN-83308E Datasheet
177Kb / 2P
Electronic, 1 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
05-05-2023
83304E BELDEN-83304E Datasheet
177Kb / 2P
Electronic, 1 C #24 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
05-05-2023
83336E BELDEN-83336E Datasheet
172Kb / 2P
Electronic, 3 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
04-19-2023
83351E BELDEN-83351E Datasheet
186Kb / 2P
Electronic, 4 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83305E BELDEN-83305E Datasheet
177Kb / 2P
Electronic, 1 C #22 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
05-05-2023
83321E BELDEN-83321E Datasheet
193Kb / 2P
Electronic, 2 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83306E BELDEN-83306E Datasheet
177Kb / 2P
Electronic, 1 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
05-05-2023
83320E BELDEN-83320E Datasheet
173Kb / 2P
Electronic, 2 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
04-19-2023
83335E BELDEN-83335E Datasheet
212Kb / 2P
Electronic, 3 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83350E BELDEN-83350E Datasheet
187Kb / 2P
Electronic, 4 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
07-10-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com