Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8465MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 8465MN
Description  SpaceMaker™, 5 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8465MN Datasheet(HTML) 1 Page - Belden Inc.

  8465MN Datasheet HTML 1Page - Belden Inc. 8465MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8465MN
SpaceMaker™, 5 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 5 Conductor 18AWG (41x34) Tinned Copper, PO Insulation, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 5
18 AWG 41x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.010 in (0.25 mm) 0.067 in (1.7 mm)
Black, White, Red, Green, Brown
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.213 in
Overall Cable Diameter (Nominal): 0.213 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Characteristic Impedence
Max. Current
7.06 Ohm/1000ft
14.8 pF/ft (48.6 pF/m)
39 Ohm
4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C To +80°C
Bend Radius
Stationary Min.
Installation Min.
2.130 in (54.10 mm) 2.130 in
Max. Pull Tension:
102.5 lbs (46.49 kg)
Bulk Cable Weight:
36 lbs/1000ft
Standards and Compliance


Similar Part No. - 8465MN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8465 VECTRON-8465 Datasheet
511Kb / 4P
Oven Controlled Crystal Oscillators
logo
Belden Inc.
8465 BELDEN-8465 Datasheet
199Kb / 2P
Electronic, 5 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Heyco.
8465 HEYCO-8465 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Pro-Power
8465-0228 PROPOWER-8465-0228 Datasheet
267Kb / 3P
Expandable Sleeving
22/09/14 V1.1
8465-0229 PROPOWER-8465-0229 Datasheet
267Kb / 3P
Expandable Sleeving
22/09/14 V1.1
More results

Similar Description - 8465MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9740MN BELDEN-9740MN Datasheet
150Kb / 2P
SpaceMaker™, 2 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8463MN BELDEN-8463MN Datasheet
161Kb / 2P
SpaceMaker™, 3 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8467MN BELDEN-8467MN Datasheet
181Kb / 2P
SpaceMaker™, 7 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8468MN BELDEN-8468MN Datasheet
180Kb / 2P
SpaceMaker™, 15 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8466MN BELDEN-8466MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8770MN BELDEN-8770MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8870MN BELDEN-8870MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9445MN BELDEN-9445MN Datasheet
176Kb / 2P
SpaceMaker™, 5 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8445MN BELDEN-8445MN Datasheet
176Kb / 2P
SpaceMaker™, 5 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8469MN BELDEN-8469MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com