Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8466 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8466
Description  Electronic, 12 C #18 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8466 Datasheet(HTML) 1 Page - Belden Inc.

  8466 Datasheet HTML 1Page - Belden Inc. 8466 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8466
Electronic, 12 C #18 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 12 Conductor 18AWG (19x30) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 12
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Conductor(s)
PVC - Polyvinyl
Chloride
0.018 in (0.46
mm)
0.080 in (2.0 mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe, Orange/Black Stripe,
Blue/Black Stripe, Black/White Stripe
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.040 in (1.0 mm) 0.412 in (10.5 mm)
Overall Cable Diameter (Nominal):
0.412 in (10.5 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 7.13 Ohm/1000ft
26 pF/ft (85 pF/m)
9.8 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2598)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C to +60°C
Bend Radius
Stationary Min. Installation Min.
4.1 in (100 mm)
4.1 in (100 mm)
Max. Pull Tension:
296 lbs (134 kg)
Bulk Cable Weight:
113 lbs/1000ft


Similar Part No. - 8466

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8466 VECTRON-8466 Datasheet
511Kb / 4P
Oven Controlled Crystal Oscillators
logo
PHOENIX CONTACT
8466 PHOENIX-8466 Datasheet
438Kb / 34P
IB IL TEMP 4/8 RTD-EF-XC-PAC
logo
Heyco.
8466 HEYCO-8466 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Belden Inc.
8466MN BELDEN-8466MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8466MN-004100 BELDEN-8466MN-004100 Datasheet
185Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
More results

Similar Description - 8466

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8461 BELDEN-8461 Datasheet
250Kb / 2P
Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
9741 BELDEN-9741 Datasheet
211Kb / 2P
Electronic, 12 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8469 BELDEN-8469 Datasheet
222Kb / 2P
Electronic, 9 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8457 BELDEN-8457 Datasheet
221Kb / 2P
Electronic, 12 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8465 BELDEN-8465 Datasheet
199Kb / 2P
Electronic, 5 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9626 BELDEN-9626 Datasheet
216Kb / 2P
Electronic, 25 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8468 BELDEN-8468 Datasheet
216Kb / 2P
Electronic, 15 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8489 BELDEN-8489 Datasheet
189Kb / 2P
Electronic, 4 C #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
8467 BELDEN-8467 Datasheet
158Kb / 2P
Electronic, 7 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8619 BELDEN-8619 Datasheet
214Kb / 2P
Electronic, 19 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com