Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8466MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 8466MN
Description  SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8466MN Datasheet(HTML) 1 Page - Belden Inc.

  8466MN Datasheet HTML 1Page - Belden Inc. 8466MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8466MN
SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 12 Conductor 18AWG (41x34) Tinned Copper, PO Insulation, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 12
18 AWG 41x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.010 in (0.25 mm) 0.067 in (1.7 mm)
Black, White, Red, Green, Brown, Blue, Orange, Yellow, Purple, Gray, Pink, Tan
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.310 in
Overall Cable Diameter (Nominal): 0.310 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Characteristic Impedence
Max. Current
7.06 Ohm/1000ft
14.8 pF/ft (48.6 pF/m)
39 Ohm
3.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C To +80°C
Bend Radius
Stationary Min.
Installation Min.
1.240 in (31.50 mm) 1.240 in
Max. Pull Tension:
246 lbs (112 kg)
Bulk Cable Weight:
80 lbs/1000ft
Standards and Compliance


Similar Part No. - 8466MN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8466 VECTRON-8466 Datasheet
511Kb / 4P
Oven Controlled Crystal Oscillators
logo
PHOENIX CONTACT
8466 PHOENIX-8466 Datasheet
438Kb / 34P
IB IL TEMP 4/8 RTD-EF-XC-PAC
logo
Belden Inc.
8466 BELDEN-8466 Datasheet
222Kb / 2P
Electronic, 12 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Heyco.
8466 HEYCO-8466 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Belden Inc.
8466-060100 BELDEN-8466-060100 Datasheet
222Kb / 2P
Electronic, 12 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8466MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9740MN BELDEN-9740MN Datasheet
150Kb / 2P
SpaceMaker™, 2 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8457MN BELDEN-8457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8463MN BELDEN-8463MN Datasheet
161Kb / 2P
SpaceMaker™, 3 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8467MN BELDEN-8467MN Datasheet
181Kb / 2P
SpaceMaker™, 7 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8468MN BELDEN-8468MN Datasheet
180Kb / 2P
SpaceMaker™, 15 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
9457MN BELDEN-9457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8465MN BELDEN-8465MN Datasheet
176Kb / 2P
SpaceMaker™, 5 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8770MN BELDEN-8770MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8469MN BELDEN-8469MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8873MN BELDEN-8873MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com