Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPJ100F Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPJ100F
Description  10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPJ100F Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPJ100F Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ100F Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
184
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
0.0
5.0
10.0
15.0
20.0
25.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
SPJ100F SPJ150F SPJ200F SPJ250F SPJ300F SPJ350F SPJ400F SPJ450F
SPJ150F
SPJ100F
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
SPJ200F
SPJ250F
SPJ350F
SPJ300F
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
SPJ450F
SPJ400F
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)
Forward Current (A)
Forward Current (A)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com