Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8884MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 8884MN
Description  SpaceMaker™, 9 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8884MN Datasheet(HTML) 1 Page - Belden Inc.

  8884MN Datasheet HTML 1Page - Belden Inc. 8884MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8884MN
SpaceMaker™, 9 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 9 Conductor 22AWG (19x34) Tinned Copper, PO Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 9
22 AWG 19x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.01 in (0.25 mm) 0.050 in (1.3 mm)
Black, White, Red, Green, Brown, Blue, Orange, Yellow, Purple
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.217 in
Overall Cable Diameter (Nominal): 0.217 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
Max. Current
18.1 Ohm/1000ft
33.0 pF/ft (108 pF/m)
66.0 pF/ft (217 pF/m)
22 Ohm
2.03 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C To +80°C
Bend Radius
Stationary Min.
Installation Min.
0.870 in (22.1 mm) 0.870 in
Max. Pull Tension:
95 lbs (43 kg)
Bulk Cable Weight:
36 lbs/1000ft
Standards and Compliance


Similar Part No. - 8884MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8884 ETC2-8884 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
3M Electronics
8884 3M-8884 Datasheet
14Kb / 2P
Scotch짰 Stretchable Tape
logo
Heyco.
8884 HEYCO-8884 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results

Similar Description - 8884MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8761MN BELDEN-8761MN Datasheet
167Kb / 2P
SpaceMaker™, 2 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8771MN BELDEN-8771MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8878MN BELDEN-8878MN Datasheet
189Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8883MN BELDEN-8883MN Datasheet
188Kb / 2P
SpaceMaker™, 7 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8885MN BELDEN-8885MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8872MN BELDEN-8872MN Datasheet
190Kb / 2P
SpaceMaker™, 9 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9423MN BELDEN-9423MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
9455MN BELDEN-9455MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8882MN BELDEN-8882MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8886MN BELDEN-8886MN Datasheet
191Kb / 3P
SpaceMaker™, 15 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com