Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9260 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9260
Description  Electronic, 6 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9260 Datasheet(HTML) 1 Page - Belden Inc.

  9260 Datasheet HTML 1Page - Belden Inc. 9260 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9260
Electronic, 6 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
Product Description
Electronic, 6 Conductor 20AWG (7x28) Tinned Copper, PVC Insulation, Overall Tinned Copper Braid(85%) Shield, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 6
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.070 in (1.8 mm)
Black, White, Red, Green, Orange, Blue
Outer Shield
Shield Type
Material
Coverage
Braid
Tinned Copper (TC) 85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.305 in (7.75 mm)
Overall Cable Diameter (Nominal): 0.305 in (7.75 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 9.5 Ohm/1000ft
26 pF/ft (85 pF/m)
50 pF/ft (160 pF/m)
3.2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
3.1 in (79 mm)
3.1 in (79 mm)
Max. Pull Tension:
131 lbs (59.4 kg)


Similar Part No. - 9260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9260 ETC2-9260 Datasheet
22Kb / 1P
12-24 x 1/2 LG, TRUSS HD. SCREW
logo
Mascot AS
9260 MASCOT-9260 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Carclo Technical Plasti...
9260/30 COIL-9260/30 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
TE Connectivity Ltd
926005-1 TEC-926005-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
926005-2 TEC-926005-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9260

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9962 BELDEN-9962 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9963 BELDEN-9963 Datasheet
148Kb / 2P
Electronic, 3 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
8735 BELDEN-8735 Datasheet
156Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
9953 BELDEN-9953 Datasheet
148Kb / 2P
Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9967 BELDEN-9967 Datasheet
148Kb / 2P
Electronic, 3 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9261 BELDEN-9261 Datasheet
169Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
9961 BELDEN-9961 Datasheet
159Kb / 2P
Electronic, 1 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9964 BELDEN-9964 Datasheet
161Kb / 2P
Electronic, 4 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com