Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9455 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9455
Description  Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9455 Datasheet(HTML) 1 Page - Belden Inc.

  9455 Datasheet HTML 1Page - Belden Inc. 9455 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9455
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 9 Conductor 20AWG (7x28) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 9
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.065 in (1.7 mm)
Black, White, Red, Green, Brown, Blue, Orange, Yellow, Purple
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.317 in (8.05 mm)
Overall Cable Diameter (Nominal): 0.317 in (8.05 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 10.7 Ohm/1000ft
27 pF/ft (89 pF/m)
2.8 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
3.2 in (81 mm)
3.2 in (81 mm)
Max. Pull Tension:
113 lbs (51.3 kg)
Bulk Cable Weight:
60 lbs/1000ft
Standards and Compliance


Similar Part No. - 9455

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9455 KEYSTONE-9455 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9455 HEYCO-9455 Datasheet
169Kb / 1P
Screw to Tab Terminal Blocks
logo
Elektron Components Ltd...
9455 BULGIN-9455 Datasheet
271Kb / 11P
Plugs and Sockets
logo
Molex Electronics Ltd.
94550-4003 MOLEX11-94550-4003 Datasheet
140Kb / 2P
5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire Compatible
94550-4003 MOLEX11-94550-4003 Datasheet
42Kb / 2P
5.00mm Pitch, Rast 5, PA Polyamide 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire
More results

Similar Description - 9455

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9457 BELDEN-9457 Datasheet
271Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, PVC Jkt, CMG
8205 BELDEN-8205 Datasheet
161Kb / 2P
Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9752 BELDEN-9752 Datasheet
159Kb / 2P
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8469 BELDEN-8469 Datasheet
222Kb / 2P
Electronic, 9 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9431 BELDEN-9431 Datasheet
211Kb / 2P
Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9439 BELDEN-9439 Datasheet
206Kb / 2P
Electronic, 7 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9423 BELDEN-9423 Datasheet
212Kb / 2P
Electronic, 9 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com