Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9623 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9623
Description  Electronic, 5 C #14 Str TC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9623 Datasheet(HTML) 1 Page - Belden Inc.

  9623 Datasheet HTML 1Page - Belden Inc. 9623 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9623
Electronic, 5 C #14 Str TC, PVC Ins, PVC Jkt
Product Description
Electronic, 5 Conductor 14AWG (19x27) Tinned Copper, PVC Insulation, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
up to 600V analog signals ; up to 600V control ; line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 5
14 AWG 19x27
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.166 in (4.22 mm)
Black, White, Red, Green, Orange
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
PP - Polypropylene Tape PVC - Polyvinyl Chloride 0.060 in (1.5 mm) 0.573 in (14.6 mm)
Overall Cable Diameter (Nominal): 0.573 in (14.6 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 2.8 Ohm/1000ft
18 pF/ft (59 pF/m)
7.5 Amps per Conductor at 25ºC
Voltage
Voltage Rating
600 V
Mechanical Characteristics
Temperature
Operating
-20°C To +80°C
Max. Pull Tension:
237 lbs (108 kg)
Bulk Cable Weight:
183 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor (Not Riser or Plenum), Indoor
Flammability / Reaction to Fire:
UL 1581 (VW-1), VW-1
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)


Similar Part No. - 9623

ManufacturerPart #DatasheetDescription
logo
Heyco.
9623 HEYCO-9623 Datasheet
118Kb / 1P
LDPE Sheet Metal Plugs
logo
Belden Inc.
9623 BELDEN-9623 Datasheet
500Kb / 3P
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
logo
Mascot AS
9623 MASCOT-9623 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
TE Connectivity Ltd
962341-1 TEC-962341-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9623

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8473 BELDEN-8473 Datasheet
175Kb / 2P
Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8629 BELDEN-8629 Datasheet
166Kb / 2P
Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8465 BELDEN-8465 Datasheet
199Kb / 2P
Electronic, 5 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8623 BELDEN-8623 Datasheet
167Kb / 2P
Electronic, 15 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
9620 BELDEN-9620 Datasheet
177Kb / 2P
Electronic, 5 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8445 BELDEN-8445 Datasheet
200Kb / 2P
Electronic, 5 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8628 BELDEN-8628 Datasheet
167Kb / 2P
Electronic, 7 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com