Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9791 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9791
Description  RS232/423 Low Cap, #28-6c, FPO, O/A FoilBraid, PVC Jkt, CL2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9791 Datasheet(HTML) 1 Page - Belden Inc.

  9791 Datasheet HTML 1Page - Belden Inc. 9791 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9791
RS232/423 Low Cap, #28-6c, FPO, O/A Foil+Braid, PVC Jkt, CL2
Product Description
Computer EIA RS-232/423 Cable, 28 AWG stranded (7x36) tinned copper conductors, Datalene® insulation, overall Beldfoil® (100% Coverage) + tinned
copper braid shield (65% Coverage), 28 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
rs-232 extended distance applications; rs-423 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line
level audio; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 6
28 AWG 7x36
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PE - Polyethylene (Foam) 0.015 in (0.38 mm) 0.044 in (1.1 mm)
Black, White, Red, Green, Brown, Blue
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
28 AWG (7x36) TC
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.225 in
Yes
Overall Cable Diameter
(Nominal):
0.225 in
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
72.8 Ohm/1000ft
12 pF/ft (39 pF/m)
22 pF/ft (72 pF/m)
100 Ohm
78%
2.1 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CL2), 30 V AC (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-30°C To +80°C


Similar Part No. - 9791

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
logo
Heyco.
9791 HEYCO-9791 Datasheet
142Kb / 1P
Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
logo
KNIPEX
979101LE KNIPEX-979101LE Datasheet
113Kb / 1P
Tool Case for Photovoltaics Empty
21.02.2023
979104V01 KNIPEX-979104V01 Datasheet
126Kb / 1P
Tool Case for Photovoltaics For solar cable connectors MC4 (Multi-Contact)
23.02.2023
979104V02 KNIPEX-979104V02 Datasheet
126Kb / 1P
Tool Case for Photovoltaics For solar cable connectors MC4 (Multi-Contact)
23.02.2023
More results

Similar Description - 9791

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8132FO BELDEN-8132FO Datasheet
159Kb / 2P
RS232/485 Low Cap, #28-2pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8134FO BELDEN-8134FO Datasheet
160Kb / 2P
RS232/485 Low Cap, #28-4pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8135FO BELDEN-8135FO Datasheet
163Kb / 2P
RS232/485 Low Cap, #28-5pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8138FO BELDEN-8138FO Datasheet
164Kb / 3P
RS232/485 Low Cap, #28-8pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8142FO BELDEN-8142FO Datasheet
164Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
9806 BELDEN-9806 Datasheet
163Kb / 2P
RS232/422 Low Cap, #28-4pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
9809 BELDEN-9809 Datasheet
157Kb / 2P
RS232/422 Low Cap, #28-9pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
05-05-2023
9925 BELDEN-9925 Datasheet
190Kb / 2P
RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9934 BELDEN-9934 Datasheet
203Kb / 2P
RS232/423 Low Cap, #24-9c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9927 BELDEN-9927 Datasheet
194Kb / 2P
RS232/423 Low Cap, #24-4c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com