Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9948 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9948
Description  RS-232, #22-25c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9948 Datasheet(HTML) 1 Page - Belden Inc.

  9948 Datasheet HTML 1Page - Belden Inc. 9948 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9948
RS-232, #22-25c, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® (100% coverage) + tinned
copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20mA, 0-10V, ...); Low Voltage Digital Control (24V, …); Line Level Audio; Panel
Wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 25
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom.
Insulation
Diameter
Color Code
Conductor(s)
SR-PVC - Polyvinyl
Chloride
(Semi-Rigid)
0.011 in
(0.28 mm)
0.051 in (1.3
mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe, Orange/Black Stripe, Blue/Black Stripe,
Black/White Stripe, Red/White Stripe, Green/White Stripe, Blue/White Stripe, Black/Red Stripe, White/Red Stripe, Orange/Red Stripe,
Blue/Red Stripe, Red/Green Stripe, Orange/Green Stripe, Black/White/Red Stripes, White/Black/Red Stripes, Red/Black/White Stripes,
Green/Black/White Stripes
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.040 in (1.0 mm) 0.410 in (10.4 mm)
Overall Cable Diameter (Nominal):
0.410 in (10.4 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 14.7 Ohm/1000ft
35 pF/ft (110 pF/m)
63 pF/ft (210 pF/m)
1.3 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 9948

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9948 3M-9948 Datasheet
48Kb / 2P
3MTM Single Coated Conformable Incise Medical Tape
logo
TE Connectivity Ltd
994855-000 TEC-994855-000 Datasheet
3Mb / 40P
Raychem Application Tooling
More results

Similar Description - 9948

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9940 BELDEN-9940 Datasheet
242Kb / 2P
RS-232, #22-4c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
9637 BELDEN-9637 Datasheet
161Kb / 2P
RS-232, #28-25c, SR-PVC, O/A FoilBraid, PVC Jkt, CL2
05-05-2023
9944 BELDEN-9944 Datasheet
214Kb / 2P
RS-232, #22-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
9947 BELDEN-9947 Datasheet
211Kb / 2P
RS-232, #22-15c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
9942 BELDEN-9942 Datasheet
212Kb / 2P
RS-232, #22-6c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
9945 BELDEN-9945 Datasheet
213Kb / 2P
RS-232, #22-9c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
8307 BELDEN-8307 Datasheet
151Kb / 2P
RS-232, Low Cap, #22-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9943 BELDEN-9943 Datasheet
152Kb / 2P
RS-232, #22-7c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9949 BELDEN-9949 Datasheet
217Kb / 2P
RS-232, #22-37c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
9946 BELDEN-9946 Datasheet
148Kb / 2P
RS-232, #22-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com