Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9961 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9961
Description  Electronic, 1 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9961 Datasheet(HTML) 1 Page - Belden Inc.

  9961 Datasheet HTML 1Page - Belden Inc. 9961 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9961
Electronic, 1 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
Product Description
Electronic, 1 Conductor 20AWG (19x32) Tinned Copper, PVC-NYL Insulation, Overall Tinned Copper Braid(90%) Shield, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
MIL-W-16878 (Type B) Spec; up to 600V analog signals ; up to 600V voltage control
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
20 AWG 19x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.0105 in (0.267 mm) 0.064 in (1.6 mm)
White
Outer Shield
Shield Type
Material
Coverage
Braid
Tinned Copper (TC) 97%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.01 in (0.25 mm) 0.109 in
Overall Cable Diameter (Nominal): 0.109 in.
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Shield
Max. Current
11.2 Ohm/1000ft
103 pF/ft (338 pF/m)
3.8 Amps per Conductor at 25ºC
Voltage
Voltage Rating
600 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-20°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
1.09 in (27.7 mm) 1.09 in
Max. Pull Tension:
15 lbs (6.8 kg)


Similar Part No. - 9961

ManufacturerPart #DatasheetDescription
logo
Weller Tools
9961 WELLER-9961 Datasheet
57Kb / 1P
0.048" x 4" Series 99® Bristol 6flute
12/5/2016
logo
Vishay Siliconix
99611E3 VISHAY-99611E3 Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
logo
Weller Tools
9961N WELLER-9961N Datasheet
57Kb / 1P
0.048" x 4" Series 99® Bristol 6flute
12/5/2016
More results

Similar Description - 9961

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9952 BELDEN-9952 Datasheet
146Kb / 2P
Electronic, 2 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9962 BELDEN-9962 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9963 BELDEN-9963 Datasheet
148Kb / 2P
Electronic, 3 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9953 BELDEN-9953 Datasheet
148Kb / 2P
Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9954 BELDEN-9954 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9967 BELDEN-9967 Datasheet
148Kb / 2P
Electronic, 3 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9951 BELDEN-9951 Datasheet
144Kb / 2P
Electronic, 1 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9964 BELDEN-9964 Datasheet
161Kb / 2P
Electronic, 4 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com