Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1990S Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES1990S
Description  Canyon3Dä2LE PCI Audio Accelerator Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES1990S Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES1990S Datasheet HTML 1Page - ESS Technology,Inc ES1990S Datasheet HTML 2Page - ESS Technology,Inc ES1990S Datasheet HTML 3Page - ESS Technology,Inc ES1990S Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0354-060801
ESS Technology, Inc.
ES1990 PRODUCT BRIEF
BLOCK DIAGRAMS
BLOCK DIAGRAMS
Figure 1 shows the ES1990 Canyon3D-2LE device block diagram.
Figure 1 ES1990 Canyon3D-2LE Device Block Diagram
PINOUT
Figure 2 shows the ES1990 Canyon3D-2LE pinout
diagram.
Figure 2 ES1990 Canyon3D-2LE Device Pinout
Integrated
System
DRAM
Chipset
CPU
3.3V PCI
master
SB Pro
legacy
audio
TDMA
HRTF 3D
positional
audio
Sample Rate
Converter
and Mixer
Game port
ACPI 1.0
PPMI 1.0
PCI BUS
Mic in
CD audio
Line out (front)
APM 1.2
Secondary
EEPROM
SID/SVID customization
Audio CODEC
interface
PC/PCI
DDMA
Effects
Processing
ASSP
AC-Link
MPU-401
MIDI device
Joystick
Line out (surround)
Phone
Line in
Secondary codec support
1
EAPD
GD7/GPIO15
GD6/GPIO14
GD5/GPIO13
GD4
GD3/ECLK
GD2/EDIN
GD1/EDOUT
GD0
ECS
GND
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
LINE_OUT_R
RXD
TXD
RST#
INT#
GND
PCICLK
VCC
GNT#
REQ#
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AFILT2
CAP1
CAP2
LINE_OUT_L
ES1990S
25
C/BE0#
AD8
AD9
AD10
AD11
2
3
4
5
6
7
8
9 10
11 12 13 14
15
16 17 18 19
20
21 22
23 24
75
51
74
73 72
71 70
69 68
67 66 65
64
63 62 61 60
59 58
57 56 55 54
53 52
100
76
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
26
50
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
100-Pin LQFP
MONO_OUT
VCC
AVSS2
AVDD2
Canyon3D-2LE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com