Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPLANETARY Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # PMPLANETARY
Description  GEARBOXES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

PMPLANETARY Datasheet(HTML) 2 Page - Lin Eng. Inc.

  PMPLANETARY Datasheet HTML 1Page - Lin Eng. Inc. PMPLANETARY Datasheet HTML 2Page - Lin Eng. Inc. PMPLANETARY Datasheet HTML 3Page - Lin Eng. Inc. PMPLANETARY Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(  Additional ratios are avail-
able. Please contact Nin Engi-
neering)
5:1
19:1
71:1
7:1
25:1
100:1
35:1
PM34 )NEMA 34-
PARAMETER
7GSTA2E
3GSTA2E
4GSTA2E
Perm.output torque
566.4 oz-in
1699.3 oz-in
3540.31 oz-in
Gearbox ef%ciency, approx.
80k
75k
70k
Max. bacDlash in °egree
0.70R
0.75R
0.80R
Oecommended initial speed
3,000 rpm
3,000 rpm
3,000 rpm
+perating temperature
-30 RC to U140 RC
-30 RC to U140 RC
-30 RC to U140 RC
+TSPTS IW°E LWSH BANN
BEAOW±G (2OI)
Max. load, radial
200±
320±
450±
Max. load, axial
60±
100±
150±
Max. perm. %tting pressure
500±
500±
500±
Gearbox length p
55.3 / 0.5mm
69.5 / 0.5m
83.7 / 0.5mm
Gearbox length D
82.0 / 0.5mm
96.2 / 0.5m
110.4 / 0.5mm
Gearbox length q
76.6 / 0.6mm
90.8 / 0.6mm
105.0 / 0.6mm
xSotal length (pUlength from
bearing flange)
52.0 x 80.3 mm
52.0 x 94.5 mm
52.0 x 108.7 mm
Leight (for gearbox length p) 0.7 Dg
0.9 Dg
1.1 Dg
Ihaft +° (mm)
12
12
12
Solerance (mm)
0.* -0.018
0.* -0.018
0.* -0.018
Sapped Hole Shread (Ihaft
center)
M4
M4
M4
Available ratios 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com