Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R325P Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R325P
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R325P Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R325P Datasheet HTML 1Page - Lin Eng. Inc. R325P Datasheet HTML 2Page - Lin Eng. Inc. R325P Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN NUMBER
FUNCTION
1
A Input (+VE)
2
Ground
3
B Input (-VE)
ELECTRICAL SPECIFICATIONS
• INPUT VOLTAGE: +12 to 48
• DRIVE CURRENT(PER PHASE): 0.3 to 3.0 Amps Peak
• ISOLATED INPUTS: Step Clock, Direction,and Disable
• STEP FREQUENCY (MAX): 2.5 MHz
• STEPS PER REVOLUTION (1.8º MOTOR): 200,400, 800, 1600, 3200, 6400, 12800, 25600, 51200a



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com