Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLIMPLANETARY Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # SLIMPLANETARY
Description  GEARBOXES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

SLIMPLANETARY Datasheet(HTML) 1 Page - Lin Eng. Inc.

  SLIMPLANETARY Datasheet HTML 1Page - Lin Eng. Inc. SLIMPLANETARY Datasheet HTML 2Page - Lin Eng. Inc. SLIMPLANETARY Datasheet HTML 3Page - Lin Eng. Inc. SLIMPLANETARY Datasheet HTML 4Page - Lin Eng. Inc. SLIMPLANETARY Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
SLIM PLANETARY
SLIM PLANETARY
GEARBOXES
FEATURES AND BENEFITS
• High efycienct
• Shorseas PlGnesGrt beGrxo5
• :1C geGr rGsio
• voas effecside
• SsGn7Gr7 NEMA Cu MoOns
SPEvIFIvATIXNS
bEARBX4 SPEvIFIvATIXNS
DESvRIPTIXN
SPEvIFIvATIXN
MAX EFFICIENCY (%)
90%
OPERATIONAL TEMPERATURE
-20 TO 50 deg C
TORQUE RATING (CONTINUOUS) Tc
141 oz-in (1N-m)
GEARHEAD INERTIA (oz-in^2)
4.542 oz-in^2
MAX BACKLASH (arcmin)
+/ - 25 arcminutes
GEARHEAD WEIGHT (LBS)
0.22 lbs
MAX RADIAL LOAD RATING AT K DISTANCE
20 lbs
K DISTANCE AWAY FROM MOUNTING FACE
0.2 inches
MAX AXIAL LOAD
50 lbs
88C+4T MXTXR - bEAR SPEvIFIvATIXNS
Dimen"
aion
pAp
Mo7el
NOmxer
Am/q
PhGae
Hol7ing
TorzOe
o^"in
Hol7ing
TorzOe
N"m
Reaia"
sGnce
Xhmq
PhGae
In7Oc"
sGnce
mHq
PhGae
InersiG
o^"in2W
Qeighs
Lxa.
NOmxer
of LeG7a
1.57" MAX 4418-
F-01-04RO 0.67
141
1
7.55
6.8
4.682
0.57
4


Similar Part No. - SLIMPLANETARY

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SLIM-MOX100 OHMITE-SLIM-MOX100 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10002 OHMITE-SLIM-MOX10002 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10003 OHMITE-SLIM-MOX10003 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX101 OHMITE-SLIM-MOX101 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10102 OHMITE-SLIM-MOX10102 Datasheet
439Kb / 5P
Current pulse limiters
More results

Similar Description - SLIMPLANETARY

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
PMPLANETARY LINENGINEERING-PMPLANETARY Datasheet
381Kb / 4P
GEARBOXES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com