Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB232 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # USB232
Description  CONVERTER CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

USB232 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  USB232 Datasheet HTML 1Page - Lin Eng. Inc. USB232 Datasheet HTML 2Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
USB232
USB232
CONVERTER CARD
FEATURES AND BENEFITS
• Allows the user to connect their RS232 device
to a PC via standard USB port
• Requires no IRQ, DMA or I/O port
• Serial Connector: DB-9 male connector
• 384 byte receive buffer / 128 byte transmit
buffer for high speed data throughput
• Uses an FTDI brand chipset
• Cable Length is 10 inches (25 cm)
• USB 111, 2.0 or 3.0 compatible
• Windows 10, 8, 7, Vista, XP, ME, 98, Server
2012, Server 2008, Server 2003, CE.NET (ver-
sion 4.2 and greater), or RT in 32-bit or 64- bit
installations. Also supports Linux, MAC OS X,
MAC OS 3, MAC OS 8, and Android
USB to RS232 Serial Adapter allows user to connect their RS232 device to a PC via standard USB port. The adapter requires
no IRQ, DMA or I/O port
USB KIT INCLUDES:
• USB to RS232 Serial Adapter
• CD-ROM disc with drivers and user's manual


Similar Part No. - USB232

ManufacturerPart #DatasheetDescription
logo
PLX Technology
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
PCI Express to USB 2.0 Peripheral Controller
More results

Similar Description - USB232

ManufacturerPart #DatasheetDescription
logo
CUI INC
UF224 CUI-UF224 Datasheet
488Kb / 4P
Converter Kit
logo
Faraday Technology
PI-002 FARADAY-PI-002 Datasheet
74Kb / 3P
CONVERTER CARD
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PO-001 FARADAY-PO-001 Datasheet
45Kb / 3P
CONVERTER CARD
PO-005 FARADAY-PO-005 Datasheet
45Kb / 3P
CONVERTER CARD
logo
Solid States Devices, I...
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
CONVERTER
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
Converter
logo
Lin Eng. Inc.
RS232KIT LINENGINEERING-RS232KIT Datasheet
638Kb / 4P
CONVERTER CARD
USB485 LINENGINEERING-USB485 Datasheet
297Kb / 2P
CONVERTER CARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com