Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3S4YR-MMF4-HT2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-MMF4-HT2
Description  Reliable Reader/Writer Handles Magnetic Cards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MMF4-HT2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-MMF4-HT2 Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MMF4-HT2 Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MMF4-HT2 Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MMF4-HT2 Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MMF4-HT2 Datasheet HTML 5Page - Omron Electronics LLC 3S4YR-MMF4-HT2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3S4YR-M❑❑
3S4YR-M❑❑
Engineering Data
Part number
3S4YR-MMW, MMF, MZW
Recommended card type
Magnetic card
ISO 7810-7813, JIS X6301/6302 for center stripe
Recording method
FM decoding (F2F)
Recording density
User selectable 75 DPI, 105 DPI, 150 DPI, or 210 BPI
Card feeding speed
30 cm/sec
± 10% (11.8 in/sec)
Service life
500,000 passes
Operating power supply
24 VDC
± 10% or 12 VDC ± 10% (depending on mode)
Current consumption
1.5 A max.
Motor type
DC motor
Mounting location
Indoors
Ambient temperature
Operation
0
° to 45°C (32° to 113°F)
Storage
-15
° to 60°C (5° to 140°F)
Ambient humidity
Operation
30% to 85% RH without condensation
Storage
20% to 90% RH without condensation
Vibration
10 to 150 Hz, 0.15 mm, for 8 minutes in X, Y, and Z directions
Shock
200 m/sec2 (20 G) in each of X, Y, and Z directions
Dimensions
211L x 90W x 65H mm (8.31L x 3.54W x 2.56H in)
Weight
Approx. 850 g (1.87 lbs) when fully equipped
Specifications
s INPUT CIRCUIT DIAGRAM
s OUTPUT CIRCUIT DIAGRAM
5 V
10 k
Ω
10 k
Ω
High speed COMS
TC74HC14AF (Toshiba) or
equivalent
High speed COMS
TC74HC04AF (Toshiba) or
equivalent
470pF
s TYPICAL APPLICATIONS
• Access Control
• ID Card Checkers
• Public Transportation Systems
• Closed Systems
• Electronic Lock Systems
• Parking Systems
• Vending Machines
• Automatic gate machines
s ACCESSORIES
Description
Part Number
Shutter for MMW
SHUTTER MMW
• Customer loyalty schemes
• Ticket machines
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com