Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X100UFG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # X100UFG
Description  2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X100UFG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  X100UFG Datasheet HTML 1Page - Voltage Multipliers Inc. X100UFG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
0
50
100
150
200
250
25
50
75
100
125
150
Temperature (C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
020
40
60
80
100
Reverse Bias Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0.0
1.0
2.0
3.0
4.0
Forward Current (A)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
Forward Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
L=0.100"
L=0.200"
L=0.300"
L=0.400"
L=0.500"
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
POWER DERATING
X25UFG X50UFG X100UFG
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
L=0.000"
X100UFG
X25UFG
X50UFG
X100UFG
X50UFG
X25UFG
Lead Temperature (°C)
Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com