Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2815 Datasheet(PDF) 21 Page - Analog Devices

Part # ADN2815
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2815 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2815 Datasheet HTML 16Page - Analog Devices ADN2815 Datasheet HTML 17Page - Analog Devices ADN2815 Datasheet HTML 18Page - Analog Devices ADN2815 Datasheet HTML 19Page - Analog Devices ADN2815 Datasheet HTML 20Page - Analog Devices ADN2815 Datasheet HTML 21Page - Analog Devices ADN2815 Datasheet HTML 22Page - Analog Devices ADN2815 Datasheet HTML 23Page - Analog Devices ADN2815 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADN2815
Rev. 0 | Page 21 of 24
50
Ω
50
Ω
PIN
VREF
NIN
CIN
COUT
COUT
V1
CIN
V1b
V2
V2b
TIA
BUFFER
CDR
+
–
VCC
DATAOUTP
DATAOUTN
1
V1
V1b
V2
V2b
VDIFF
23
4
VREF
VTH
ADN2815
VDIFF = V2–V2b
VTH = ADN2815 QUANTIZER THRESHOLD
NOTES:
1. DURING DATA PATTERNS WITH HIGH TRANSITION DENSITY, DIFFERENTIAL DC VOLTAGE AT V1 AND V2 IS ZERO.
2. WHEN THE OUTPUT OF THE TIA GOES TO CID, V1 AND V1b ARE DRIVEN TO DIFFERENT DC LEVELS. V2 AND V2b DISCHARGE TO THE
VREF LEVEL, WHICH EFFECTIVELY INTRODUCES A DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS.
3. WHEN THE BURST OF DATA STARTS AGAIN, THE DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS IS APPLIED TO
THE INPUT LEVELS CAUSING A DC SHIFT IN THE DIFFERENTIAL INPUT. THIS SHIFT IS LARGE ENOUGH SUCH THAT ONE OF THE STATES,
EITHER HIGH OR LOW DEPENDING ON THE LEVELS OF V1 AND V1b WHEN THE TIA WENT TO CID, IS CANCELED OUT. THE QUANTIZER
DOES NOT RECOGNIZE THIS AS A VALID STATE.
4. THE DC OFFSET SLOWLY DISCHARGES UNTIL THE DIFFERENTIAL INPUT VOLTAGE EXCEEDS THE SENSITIVITY OF THE ADN2815. THE
QUANTIZER CAN RECOGNIZE BOTH HIGH AND LOW STATES AT THIS POINT.
Figure 21. Example of Baseline Wander



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com