Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

338 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 338
Description  Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

338 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  338 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
338 / 338-F
Flat screw terminals
Medium-duty version with grooved flat terminals, 1-pole
11.20
A3.9
338
338-F
Standard versions have
two mounting holes
outside.
MATERIAL
Base material
Technical ceramics
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 250°C
Spring washer
Zinc plated steel
Screw terminal
Nickel plated brass
Screw
M4; Zinc plated steel
Washer
Zinc plated steel
OPTIONS / ACCESSORIES
• Versions only with washers.
[1] The clamping range for flexible and AWG conductors was determined using
ferrules. Use of flexible conductors without ferrules is not recommended.
[2] Per pole two wires of identical cross-section can be connected.
CONFIGURATIONS
Item
Article number
PU
338
52.636.002
75
338-F
50.636.002
75
GENERAL INFORMATION
No. of poles
1
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,5 - 4 mm² / 0,5 - 1,5 mm² / 20 - 16 [1][2]
Rated Cross Section
4 mm²
Wire Stripping Length
10 mm ± 0,5 mm
Rated Insulation Voltage
32 A
Torque
1,2 Nm
Fixing Holes
ø 3,6 mm
Distance
32,5 mm
Base mounting
Recommendation:
Screw M3 with matching washer; max. torque 0.8
Nm; use of an elastic & insulating substrate.
Other specifications
Terminal strips must not be strung together without
considering the clearance and creepage distances.


Similar Part No. - 338

ManufacturerPart #DatasheetDescription
logo
France Joint
338 FRANCEJOINT-338 Datasheet
388Kb / 3P
PISTON/ROD SEALS
logo
Keystone Electronics Co...
338 KEYSTONE-338 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
338-010-541-101 EDAC-338-010-541-101 Datasheet
250Kb / 3P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-101 EDAC-338-010-541-101 Datasheet
79Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-102 EDAC-338-010-541-102 Datasheet
250Kb / 3P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 338

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NAC3FPX-TOP NEUTRIK-NAC3FPX-TOP Datasheet
151Kb / 3P
Appliance outlet connector, 1/4" flat tab terminals
logo
WECO ELECTRICAL CONNECT...
307-PCF WECO-307-PCF Datasheet
152Kb / 1P
Multi-point screw connector with grooved flat terminals
02.19
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
340 WECO-340 Datasheet
105Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 3-pole
01.20
342 WECO-342 Datasheet
127Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
01.20
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
362 WECO-362 Datasheet
136Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 4-pole
01.20
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com