Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

339-K Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 339-K
Description  Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

339-K Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  339-K Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
339-K / 339-KF
Flat screw terminals
Medium-duty version with grooved flat terminals, 2-pole
01.20
339-K
339-KF
K-versions have two
mounting holes at the
center.
MATERIAL
Base material
Technical ceramics
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 250°C
Spring washer
Zinc plated steel
Screw terminal
Nickel plated brass
Screw
M4; M3; Zinc plated steel
Washer
Zinc plated steel
OPTIONS / ACCESSORIES
• Versions only with washers
[1] The clamping range for flexible and AWG conductors was determined using
ferrules. Use of flexible conductors without ferrules is not recommended.
[2] Per pole two wires of identical cross-section can be connected.
CONFIGURATIONS
Item
Article number
PU
339-K
52.636.006
144
339-KF
50.636.006
144
GENERAL INFORMATION
No. of poles
2
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,5 - 4 mm² / 0,5 - 1,5 mm² / 20 - 16 [1][2]
Rated Cross Section
4 mm²
Wire Stripping Length
10 mm ± 0,5 mm
Rated Insulation Voltage
450 V acc. to EN 60998-1
Torque
1,2 Nm
Fixing Holes
ø 4,8 mm
Distance
12 mm
Base mounting
Recommendation:
Screw M4 with matching washer; max. torque 1.5
Nm; use of an elastic & insulating substrate.
Other specifications
Terminal strips must not be strung together without
considering the clearance and creepage distances.
Rated values apply to use in combination with
insulated substrates.


Similar Part No. - 339-K

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
339-K-M WECO-339-K-M Datasheet
229Kb / 1P
Double terminals Central screw hole, 2-pole
01.20
More results

Similar Description - 339-K

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
307-PCF WECO-307-PCF Datasheet
152Kb / 1P
Multi-point screw connector with grooved flat terminals
02.19
338 WECO-338 Datasheet
163Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
11.20
339-K-M WECO-339-K-M Datasheet
229Kb / 1P
Double terminals Central screw hole, 2-pole
01.20
340 WECO-340 Datasheet
105Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 3-pole
01.20
342 WECO-342 Datasheet
127Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
01.20
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
362 WECO-362 Datasheet
136Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 4-pole
01.20
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com