Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

716 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 716
Description  Motor terminal boards similar to DIN 46294
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

716 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  716 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
711 / 714 / 715 / 716 / 717
Motor terminal boards
similar to DIN 46294
12.19
Dimensions (mm)
Type
LxB
M
H
H2
h
A1
A2
D
d
711
54x34
M4
27,5
13,5
5
20
20
ø 10,5
ø 5,5
714
64x40
M5
31,5
15,5
7
23
23
ø 12,5
ø 7
715
78x48
M6
37,5
18,5
9
28
28
ø 12,5
ø 7
716
96x60
M8
47,5
21
10
35
35
ø 16
ø 9
717
120x75
M10
55
25
15
45
45
ø 18,5
ø 11
MATERIAL
Base material
Technical ceramics
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 250°C
Nut
Brass, blank
Screw
Brass, blank
Washer
Zinc plated steel
OPTIONS / ACCESSORIES
• Jumpers 751-758
CONFIGURATIONS
Item
Article number
PU
711
10.680.011
48
714
10.680.014
30
715
10.680.015
16
716
10.680.016
9
717
10.680.017
9
GENERAL INFORMATION
No. of poles
6
Additonal Information
Designation of our motor terminal boards in
accordance to DIN 46294:
711 = K1 M4
714 = K1 M5
715 = K1 M6
716 = K1 M8
717 = K1 M10
TECHNICAL DATA
Rated Cross Section
Depending upon the cable lugs
Rated Voltage
max. 660 V
Depending on the size and installation conditions,
higher voltages can also be applied. The
regulations for the dimensioning of clearances and
creepage distances must be observed.
Rated Current
Allowed continuous
current for bushing
bolt:
711: 16 A
714: 25 A
715: 63 A
716: 100 A
717: 160 A
Torque
711 (M4): 1,2 Nm
714 (M5): 2,0 Nm
715 (M6): 3,0 Nm
716 (M8): 6,0 Nm
717 (M10): 10,0 Nm
Base mounting
Recommendation:
711: screw M5; Max. torque 1.5 Nm
714: screw M6; Max. torque 2 Nm
715: screw M6; Max. torque 2 Nm
716: screw M8; Max. torque 3 Nm
717: screw M10; Max. torque 3.5 Nm
Installation of all variants each with matching
washer and use of an elastic & insulating substrate.
Other specifications
Rated voltage only applies if an insulating substrate
is used.


Similar Part No. - 716

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
716 JMK-716 Datasheet
38Kb / 1P
The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
716 ETC2-716 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
FREQUENCY RANGE TO 3GHz
logo
Keystone Electronics Co...
716 KEYSTONE-716 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
Wiha Tools
716 WIHA-716 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
More results

Similar Description - 716

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3909 ADVANTECH-ADAM-3909 Datasheet
564Kb / 2P
DIN-rail Terminal Boards
ADAM-3900 ADVANTECH-ADAM-3900 Datasheet
547Kb / 1P
DIN-rail Terminal Boards
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Advantech Co., Ltd.
ADAM-3940 ADVANTECH-ADAM-3940 Datasheet
679Kb / 1P
DIN-rail Terminal Boards
15-Mar-2016
ADAM-3900 ADVANTECH-ADAM-3900_V01 Datasheet
355Kb / 1P
DIN-rail Terminal Boards
logo
WECO ELECTRICAL CONNECT...
711 WECO-711 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
714 WECO-714 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
715 WECO-715 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
717 WECO-717 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com