Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

874/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 874/02
Description  PCB connector Push-In connection diagonal 45° to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

874/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  874/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
874(-DR)
PCB connector
Push-In connection diagonal 45° to PCB
12.14
MATERIAL
Moulding
PA, red, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Solder pin
0,6 x 1,0 mm; tin plated brass
Spring
Stainless strip steel
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Other Pitch
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
1 874/01
11.812.001
874-DR/01
41.812.001
7,50 mm
Box
250
2 874/02
12.812.001
874-DR/02
42.812.001
12,50 mm
Box
200
3 874/03
13.812.001
874-DR/03
43.812.001
17,50 mm
Box
100
4 874/04
14.812.001
874-DR/04
44.812.001
22,50 mm
Box
100
5 874/05
15.812.001
874-DR/05
45.812.001
27,50 mm
Box
100
6 874/06
16.812.001
874-DR/06
46.812.001
32,50 mm
Box
50
further number of poles on request
GENERAL INFORMATION
Pitch
5 mm
No. of poles
1 - 12
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,14 - 2,5 mm² / 0,14 - 1,5 mm² / 26 - 16 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
10 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
250 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
10 A
Hole in PCB
ø 1,3 mm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
22 - 16
10
300
B, D, E
22 - 16
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 874/02

ManufacturerPart #DatasheetDescription
logo
Littelfuse
874 LITTELFUSE-874 Datasheet
205Kb / 3P
Axial Lead & Cartridge Fuses
logo
Abbatron All Rights Res...
874 ABBATRON-874 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
874 BG-874 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
874 BG-874 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
AUER Signal GmbH
874 010 900 AUERSIGNAL-874 010 900 Datasheet
373Kb / 2P
LED steady/flashing beacon
More results

Similar Description - 874/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
121-C-111 WECO-121-C-111 Datasheet
53Kb / 1P
Plug connector Screw connection diagonal 45° to PCB
07.19
140-C-111 WECO-140-C-111 Datasheet
92Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
141-C-111 WECO-141-C-111 Datasheet
93Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
150-C-111 WECO-150-C-111 Datasheet
66Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
830-A-121-SMD WECO-830-A-121-SMD Datasheet
90Kb / 1P
PCB connector for SMD Push-In connection vertical to PCB
11.17
830-A-121-THR WECO-830-A-121-THR Datasheet
74Kb / 1P
PCB connector for SMD Push-In connection vertical to PCB
11.17
876 WECO-876 Datasheet
107Kb / 1P
PCB connector Push-In connection diagonal 45° to PCB
12.14
934 WECO-934 Datasheet
60Kb / 1P
PCB connector Screw connection 45°-angle to PCB
02.13
974 WECO-974 Datasheet
93Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
976 WECO-976 Datasheet
87Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com