Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2760A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB2760A
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2760A Datasheet(HTML) 2 Page - ON Semiconductor

  NB2760A Datasheet HTML 1Page - ON Semiconductor NB2760A Datasheet HTML 2Page - ON Semiconductor NB2760A Datasheet HTML 3Page - ON Semiconductor NB2760A Datasheet HTML 4Page - ON Semiconductor NB2760A Datasheet HTML 5Page - ON Semiconductor NB2760A Datasheet HTML 6Page - ON Semiconductor NB2760A Datasheet HTML 7Page - ON Semiconductor NB2760A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB2760A
http://onsemi.com
2
Figure 1. Block Diagram
ModOUT
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Phase
Detector
Loop
Filter
XIN/CLKIN
XOUT
Modulation
VDD
VCO
Output
Divider
PLL
VSS
PD
Table 1. KEY SPECIFICATIONS
Description
Specification
Supply Voltages
VDD = 3.3 V / 2.5 V
Frequency Range
For 2.5 V Supply
For 3.3 V Supply
6.0 MHz < CLKIN < 12 MHz
6.0 MHz < CLKIN < 13 MHz
Cycle−to−Cycle Jitter
200 ps (maximum)
Output Duty Cycle
45/55% (worst case)
Modulation Rate Equation
FIN/256
Frequency Deviation
"0.65% @ 8 MHz
Figure 2. Pin Configuration
VDD
1
2
3
6
5
4
XOUT
XIN/CLKIN
ModOUT
NB2760A
VSS
PD
Table 2. PIN DESCRIPTION
Pin #
Pin Name
Type
Description
1
PD
I
Powerdown control pin. Pull low to enable Powerdown mode. Connect to VDD if not used.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It can be
connected either to an external crystal or an external reference clock
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com