Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407440 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407440
Description  NBC- 2,0-94B/FS SCO - Network cable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407440 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407440 Datasheet HTML 1Page - PHOENIX CONTACT 1407440 Datasheet HTML 2Page - PHOENIX CONTACT 1407440 Datasheet HTML 3Page - PHOENIX CONTACT 1407440 Datasheet HTML 4Page - PHOENIX CONTACT 1407440 Datasheet HTML 5Page - PHOENIX CONTACT 1407440 Datasheet HTML 6Page - PHOENIX CONTACT 1407440 Datasheet HTML 7Page - PHOENIX CONTACT 1407440 Datasheet HTML 8Page - PHOENIX CONTACT 1407440 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5 (1 Gbps), 8-position, shielded, free cable end, on Socket straight
M12, coding: A SPEEDCON / IP67, cable length: 2 m
Commercial Data
Item number
1407440
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
BF04
Product Key
BF1CMI
Catalog Page
Page 401 (C-2-2019)
GTIN
4046356775618
Weight per Piece (including packing)
122.5 g
Weight per Piece (excluding packing)
116.8 g
Customs tariff number
85444210
Country of origin
PL
NBC- 2,0-94B/FS SCO - Network cable
1407440
https://www.phoenixcontact.com/us/products/1407440
Jul 7, 2023, 6:18 AM
Page 1 (28)


Similar Part No. - 1407440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
NBC- 5,0-94B/FS SCO - Network cable
1407442 PHOENIX-1407442 Datasheet
956Kb / 28P
NBC-10,0-94B/FS SCO - Network cable
1407443 PHOENIX-1407443 Datasheet
607Kb / 16P
NBC-FS/ 1,0-94B/R4AC SCO - Network cable
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1407445 PHOENIX-1407445 Datasheet
607Kb / 16P
NBC-FS/ 5,0-94B/R4AC SCO - Network cable
More results

Similar Description - 1407440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407439 PHOENIX-1407439 Datasheet
236Kb / 16P
Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
1406119 PHOENIX-1406119 Datasheet
465Kb / 11P
NBC-MS/ 2,0-94B/FS SCO US - Network cable
1406120 PHOENIX-1406120 Datasheet
372Kb / 10P
NBC- 2,0-94B/FS SCO US - Network cable
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1407415 PHOENIX-1407415 Datasheet
611Kb / 17P
NBC-MS/ 2,0-94B/R4AC SCO - Network cable
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
NBC- 5,0-94B/FS SCO - Network cable
1407442 PHOENIX-1407442 Datasheet
956Kb / 28P
NBC-10,0-94B/FS SCO - Network cable
1407456 PHOENIX-1407456 Datasheet
705Kb / 18P
NBC-FS/ 2,0-94B/R4RC SCO - Network cable
1407452 PHOENIX-1407452 Datasheet
638Kb / 17P
NBC-FS/ 2,0-94B/R4MC SCO - Network cable
1407460 PHOENIX-1407460 Datasheet
708Kb / 19P
NBC-FS/ 2,0-94B/R4QC SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com