Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407442 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1407442
Description  NBC-10,0-94B/FS SCO - Network cable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407442 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1407442 Datasheet HTML 8Page - PHOENIX CONTACT 1407442 Datasheet HTML 9Page - PHOENIX CONTACT 1407442 Datasheet HTML 10Page - PHOENIX CONTACT 1407442 Datasheet HTML 11Page - PHOENIX CONTACT 1407442 Datasheet HTML 12Page - PHOENIX CONTACT 1407442 Datasheet HTML 13Page - PHOENIX CONTACT 1407442 Datasheet HTML 14Page - PHOENIX CONTACT 1407442 Datasheet HTML 15Page - PHOENIX CONTACT 1407442 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
NBC-FS SCO-IE/.../... - Network cable
1408665
https://www.phoenixcontact.com/us/products/1408665
Network cable, Ethernet CAT5 (1 Gbps), 8-position, Variable cable type,
shielded, free cable end, on Socket straight M12, coding: A SPEEDCON / IP67,
cable length: Free input (0.2 ... 40.0 m)
NBC-FR SCO-IE/.../... - Network cable
1408657
https://www.phoenixcontact.com/us/products/1408657
Network cable, Ethernet CAT5 (1 Gbps), 8-position, Variable cable type,
shielded, free cable end, on Socket angled M12, coding: A SPEEDCON / IP67,
cable length: Free input (0.2 ... 40.0 m)
NBC-10,0-94B/FS SCO - Network cable
1407442
https://www.phoenixcontact.com/us/products/1407442
Jul 7, 2023, 6:18 AM
Page 12 (28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com