Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2304AI2DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB2304AI2DG
Description  3.3 V Zero Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2304AI2DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB2304AI2DG Datasheet HTML 2Page - ON Semiconductor NB2304AI2DG Datasheet HTML 3Page - ON Semiconductor NB2304AI2DG Datasheet HTML 4Page - ON Semiconductor NB2304AI2DG Datasheet HTML 5Page - ON Semiconductor NB2304AI2DG Datasheet HTML 6Page - ON Semiconductor NB2304AI2DG Datasheet HTML 7Page - ON Semiconductor NB2304AI2DG Datasheet HTML 8Page - ON Semiconductor NB2304AI2DG Datasheet HTML 9Page - ON Semiconductor NB2304AI2DG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB2304A
http://onsemi.com
7
Zero Delay and Skew Control
For applications requiring zero input−output delay, all
outputs must be equally loaded.
Figure 3. REF Input to CLKA/CLKB Delay vs.
Difference in Loading between FBK Pin and
CLKA/CLKB Pins
1500
1000
500
0
−500
−1000
−1500
−30 −25 −20 −15 −10 −5
0
5
10
1520
2530
OUTPUT LOAD DIFFERENCE: FBK LOAD − CLKA/CLKB LOAD (pF)
To close the feedback loop of the NB2304A, the FBK pin
can be driven from any of the four available output pins. The
output driving the FBK pin will be driving a total load of
7 pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining outputs)
can adjust the input output delay. This is shown in Figure 3.
For applications requiring zero input−output delay, all
outputs including the one providing feedback should be
equally loaded. If input−output delay adjustments are
required, use Figure 3 to calculate loading differences
between the feedback output and remaining outputs. For
zero output−output skew, be sure to load outputs equally.
SWITCHING WAVEFORMS
Figure 4. Duty Cycle Timing
1.4 V
1.4 V
1.4 V
t1
t2
Figure 5. All Outputs Rise/Fall Time
t3
OUTPUT
2.0 V
0.8 V
t4
2.0 V
0.8 V
3.3 V
0 V
1.4 V
1.4 V
t5
Figure 6. Output − Output Skew
OUTPUT
OUTPUT
t6
INPUT
OUTPUT
Figure 7. Input − Output Propagation Delay
VDD
2
VDD
2
Figure 8. Device − Device Skew
t7
FBK_Device 1
VDD
2
VDD
2
FBK_Device 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com