Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408624 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1408624
Description  NBC-MRD-MRD SCO-PN/.../... - Network cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408624 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1408624 Datasheet HTML 1Page - PHOENIX CONTACT 1408624 Datasheet HTML 2Page - PHOENIX CONTACT 1408624 Datasheet HTML 3Page - PHOENIX CONTACT 1408624 Datasheet HTML 4Page - PHOENIX CONTACT 1408624 Datasheet HTML 5Page - PHOENIX CONTACT 1408624 Datasheet HTML 6Page - PHOENIX CONTACT 1408624 Datasheet HTML 7Page - PHOENIX CONTACT 1408624 Datasheet HTML 8Page - PHOENIX CONTACT 1408624 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Data
Notes
General
This product corresponds to the PROFINET Cabling and
Interconnection Technology Guideline for PROFINET
regulations, version 2.00, order no: 2.252, Chapter 8.2
Connectors for Outside Environment (Balanced cabling)
Product properties
Product type
Data cable preassembled
Sensor type
PROFINET
Number of positions
4
Standard
Application
Robots and drag chains
No. of cable outlets
1
Shielded
yes
Coding
D
Interfaces
Bus system
PROFINET
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Signaling
Status display
No
Status display present
No
Electrical properties
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
4 A
Transmission medium
Copper
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Material specifications
Color Handle area
black
Connector
Connection 1
Type
Plug angled M12 SPEEDCON / IP67
Number of positions
4
Coding type
D (Data)
Handle color
black
CuSn (Contact)
NBC-MRD-MRD SCO-PN/.../... - Network cable
1408624
https://www.phoenixcontact.com/us/products/1408624
Jul 11, 2023, 4:44 AM
Page 2 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com