Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408626 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1408626
Description  NBC-MRD-R4QC SCO-PN/.../... - Network cable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408626 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1408626 Datasheet HTML 1Page - PHOENIX CONTACT 1408626 Datasheet HTML 2Page - PHOENIX CONTACT 1408626 Datasheet HTML 3Page - PHOENIX CONTACT 1408626 Datasheet HTML 4Page - PHOENIX CONTACT 1408626 Datasheet HTML 5Page - PHOENIX CONTACT 1408626 Datasheet HTML 6Page - PHOENIX CONTACT 1408626 Datasheet HTML 7Page - PHOENIX CONTACT 1408626 Datasheet HTML 8Page - PHOENIX CONTACT 1408626 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PA (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Insertion/withdrawal cycles
≥ 100
Contact resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Tightening torque
0.4 Nm
Degree of protection
IP67
Ambient temperature (operation)
-25 °C ... 90 °C
Number of positions
4
Insertion/withdrawal cycles
100
Locking type
SPEEDCON
Connection 2
Type
Plug straight RJ45 Push Pull / IP67
Number of positions
4 (8)
Handle color
black
CuSn (Contact)
Ni/Au (Contact surface)
PC (Contact carriers)
Material
PA GF (Housing)
Insertion/withdrawal cycles
≥ 750
Ambient temperature (operation)
-40 °C ... 70 °C
Number of positions
4
Degree of protection
IP67
Locking type
Push Pull
Cable/line
Cable length
Free input (0.2 ... 40.0 m)
PROFINET PVC stranded CAT5 [93B]
Dimensional drawing
Shielded
yes
UL AWM Style
21694
Cable weight
67 kg/km
Cable type
PROFINET PVC stranded CAT5
Short symbol
2YY(ST)CY
Cable type (abbreviation)
93B
NBC-MRD-R4QC SCO-PN/.../... - Network cable
1408626
https://www.phoenixcontact.com/us/products/1408626
Jul 7, 2023, 6:21 AM
Page 3 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com