Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621ARMZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1621ARMZ-R7
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621ARMZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1621ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP1621
Rev. A | Page 26 of 32
ADP1621
PIN
GATE
CS
AGND
PGND
SDSN
COMP
FREQ
GND
IN
FB
R1
324kΩ
1%
R2
10.2kΩ
1%
R3
649Ω
C1
22µF
16V
×2
L1
15µH
M1
CCOMP
18pF
fOSC = 560kHz
C1 = MURATA GRM32ER61C226K
COUT1 = MURATA GRM31CR72A105K
COUT2 = MURATA GRM55ER71H475K
COUT3 = RUBYCON 63ZL220M10x23
M1 = VISHAY Si7478DP
D1 = MBRB7H50
L1 = COILCRAFT MSS1278-153ML
RS
442Ω
RCS
0.01Ω
RFREQ
34.8Ω
D1
C3
1µF
10V
C4
0.1µF
10V
C2
120pF
RCOMP
2MΩ
VIN = 12V
COUT1
1µF
100V
COUT2
4.7µF
50V
COUT3
220µF
63V
×2
VOUT = 40V
1A
Figure 38. High Input Voltage and High Output Voltage Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com