Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821ARQZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1821ARQZ-R7
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821ARQZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1821ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1821ARQZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP1821
Rev. B | Page 11 of 24
When an external clock is detected at the first SYNC edge,
the internal oscillator is reset and clock control shifts to SYNC.
The SYNC edges then trigger subsequent clocking of the PWM
outputs. The DH rising edges appear about 320 ns after the cor-
responding SYNC edge, and the frequency is locked to the
external signal. If the external SYNC signal disappears during
operation, the ADP1821 reverts to its internal oscillator and
experiences a delay of no more than a single cycle of the
internal oscillator.
COMPENSATION
The control loop is compensated by an external series RC
network from COMP to FB and sometimes requires a series
RC in parallel with the top voltage divider resistor. COMP is
the output of the internal error amplifier.
The internal error amplifier compares the voltage at FB to the
internal 0.6 V reference voltage. The difference between the two
(the feedback voltage error) is amplified by the error amplifier.
To optimize the ADP1821 for stability and transient response
for a given set of external components and input/output voltage
conditions, choose the compensation components carefully. For
more information on choosing the compensation components,
see the Compensating the Voltage Mode Buck Regulator
section.
POWER-GOOD INDICATOR
The ADP1821 features an open-drain, power-good output
(PWGD) that sinks current when the output voltage drops 8.3%
below or 25% above the nominal regulation voltage. Two com-
parators measure the voltage at FB to set these thresholds. The
PWGD comparator directly monitors FB, and the threshold is
fixed at 0.55 V for undervoltage and 0.75 V for overvoltage. The
PWGD output also sinks current if an over temperature or input
undervoltage condition is detected and is operational with VCC
voltage as low as 1.0 V.
Use this output as a logical power-good signal by connecting a
pull-up resistor from PWGD to an appropriate supply voltage.
THERMAL SHUTDOWN
The ADP1821 controller does not generate much heat under
normal conditions, even when driving a relatively large MOSFET.
However, the surrounding power components or other circuits
on the same PCB could heat up the PCB to an unsafe operating
temperature. The ADP1821 controller goes into shutdown and
shuts off the gate drivers when its junction temperature reaches
about 145°C. When the junction temperature drops below
about 135°C, the ADP1821 resumes normal operation in a soft
start mode.
SHUTDOWN CONTROL
The ADP1821 dc-to-dc converter features a low-power shut-
down mode that reduces quiescent supply current to 1 μA. To
shut down the ADP1821, drive SHDN low. To turn it on, drive
SHDN high. For automatic startup, connect SHDN to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com