Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1710AUJZ-0.9-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1710AUJZ-0.9-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1710AUJZ-0.9-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1710AUJZ-0.9-R7 Datasheet HTML 8Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 9Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 10Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 11Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 12Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 13Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 14Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 15Page - Analog Devices ADP1710AUJZ-0.9-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 12 of 16
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
125mA
150mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 26. 500 mm2 of PCB Copper, TA = 50°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
125mA
150mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 27. 100 mm2 of PCB Copper, TA = 50°C
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
30mA
80mA
100mA
125mA
150mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 28. 0 mm2 of PCB Copper, TA = 50°C
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP1710/
ADP1711. However, as can be seen from Table 5, a point of
diminishing returns eventually is reached, beyond which an
increase in the copper size does not yield significant heat
dissipation benefits.
Place the input capacitor as close as possible to the IN and GND
pins. Place the output capacitor as close as possible to the OUT
and GND pins. For ADP1711, place the internal reference
bypass capacitor as close as possible to the BYP pin. Use of 0402
or 0603 size capacitors and resistors achieves the smallest
possible footprint solution on boards where area is limited.
GND (BOTTOM)
GND (TOP)
ADP1710/
ADP1711
IN
EN
R2
R1
C3
OUT
C2
C1
Figure 29. Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com